Part Number Hot Search : 
FP3002 SMDB08 HIN230IB 100031 MM1095 300HS RN4606 NJU7074D
Product Description
Full Text Search
 

To Download MAX14588ETET Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general description the max14588 adjustable overvoltage and overcurrent protection device is ideal for protecting systems against positive and negative input voltage faults up to 40v, and feature low 190m (typ) r on integrated fets. the adjustable overvoltage range is between 6v and 36v, while the adjustable undervoltage range is between 4.5v and 24v. the overvoltage lockout (ovlo) and undervoltage lockout (uvlo) thresholds are set using optional external resistors. the factory preset internal ovlo threshold is 33v (typ), and the preset internal uvlo threshold is 19v (typ). the max14588 also features programmable current-limit protection up to 1a. the device can be set for autoretry, latch-off, or continuous fault response when an overcur - rent event occurs. once current reaches the threshold, the max14588 turns off after 21ms (typ) blanking time, and stays off during the retry period when set to autoretry mode. the device latches off after the blanking time when set to latch-off mode. the device limits the current continuously when set to continuous mode. the max14588 also features reverse current and thermal shutdown protection. the max14588 is available in a small, 16-pin (3mm x 3mm) tqfn package. the max14588 operates over the -40c to +125c extended temperature range. benefts and features robust industrial power protection ? wide input supply range: +4.5v to +36v ? negative input tolerance to -36v ? low r on 190m (typ) ? reverse current flow control input ? thermal overload protection ? extended -40oc to +125oc temperature range flexible design options ? adjustable ovlo and uvlo thresholds ? programmable forward-current limit: 0.15a to 1a ? programmable overcurrent fault response: autoretry, latch-off, and continuous ? dual enable inputs: en and high voltage hven saves space ? 16-pin, 3mm x 3mm, tqfn package applications sensor systems condition monitoring factory sensors process analytics process instrumentation weighing and batching systems 19-6551; rev 0; 12/12 ordering information appears at end of data sheet. for related parts and recommended products to use with this part, refer to www.maximintegrated.com/max14588.related . typical application circuit evaluation kit available in in uvlo ovlo seti out out v io en clhs cl ts1 cl ts2 cl ts_mode gnd gnd hven r1 r2 r4 r3 system power suppl y optional for high input surge applica tions system v power 0.47f rien 4.7f flag hven max14588 100k max14588 1a adjustable overcurrent and overvoltage protector with high accuracy
maxim integrated 2 electrical characteristics (v in = 4.5v to 36v, t a = -40oc to +125oc, unless otherwise noted. typical values are at v in = 24v, r seti = 12k, t a = +25oc.) (note 3) note 2: package thermal resistances were obtained using the method described in jedec specification jesd51-7, using a four-layer board. for detailed information on package thermal considerations, refer to www.maximintegrated.com/thermal-tutorial . note 1: dc current is also limited by the thermal design of the system. (all voltages referenced to gnd.) in to gnd ............................................................... -40v to +40v in to out ............................................................... -40v to +40v out ....................................................................... -0.3v to +40v hven ...................................................................... -40v to +40v ovlo, uvlo, flag , en, rien, clts1, clts2, clts_mode ............................. -0.3v to +6v seti ............................................ -0.3v to min(v in , 1.22v)+0.3v clhs ............................................... -0.3v to min(v in , 5v)+0.3v i in (dc operating)(note 1) ................................................... 1.0a continuous power dissipation (t a = +70oc) tqfn (derate 20.8mw/oc above +70oc) ................... 1667mw operating temperature range .......................... -40oc to +125oc maximum junction temperature ..................................... +150oc storage temperature range ............................. -65oc to +150oc lead temperature (soldering, 10s) ................................. +300oc soldering temperature (reflow) ....................................... +260oc stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. these are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. exposure to ab solute maximum rating conditions for extended periods may affect device reliability. package thermal characteristics (note 2) tqfn junction-to-ambient thermal resistance ( ja ) ............ 48oc/w junction-to-case thermal resistance ( jc ) ................. 10oc/w absolute maximum ratings parameter symbol conditions min typ max units in voltage v in 4.5 36 v shutdown in current i shdn v en = 0v, v hven = 5v 6.6 16 a shutdown out current i off v en = 0v, v hven = 5v, v out = 0v 0.1 2 a reverse in current i in_rvs v in = -40v, v out = v gnd = 0v -35 -21 a supply current i in v in = 15v, v hven = 0v 530 800 a internal overvoltage trip level v ovlo v in rising 32 33 34.3 v v in falling 30.3 32 33.7 internal undervoltage trip level v uvlo v in falling 17.5 18.5 19.5 v v in rising 18.2 19.2 20.2 overvoltage lockout hysteresis % of typical ovlo 3 % external ovlo adjustment range (note 4) 6 36 v external ovlo select threshold voltage v sel_ovlo 0.3 0.4 0.5 v external ovlo leakage i ovlo_leak v ovlo < 1.2v -100 +100 na external uvlo adjustment range (note 4) 4.5 24 v external uvlo select threshold voltage v sel_uvlo 0.3 0.4 0.5 v max14588 1a adjustable overcurrent and overvoltage protector with high accuracy www.maximintegrated.com
maxim integrated 3 electrical characteristics (continued) (v in = 4.5v to 36v, t a = -40oc to +125oc, unless otherwise noted. typical values are at v in = 24v, r seti = 12k, t a = +25oc.) (note 3) parameter symbol conditions min typ max units external uvlo leakage i uvlo_leak v uvlo < 1.2v -100 +100 na bg reference voltage v bg 1.196 1.220 1.247 v clhs voltage v clhs source 100a 23 3.5 v internal fets internal fets on-resistance r on i load = 100ma, v in 8v 190 370 m current-limit adjustment range i lim 0.15 1.0 a current-limit accuracy 0.15a i lim < 0.3a -20 +20 % 0.3a i lim < 1.0a -10 +10 flag assertion drop voltage threshold v fa increase (v in - v out ) drop until flag asserts, v in = 24v 400 600 800 mv flag output logic-low voltage i sink = 1ma 0.4 v flag output leakage current v in = v flag = 5v, fag deasserted 2 a reverse-current blocking threshold v rib v out - v in 25 100 250 mv reverse-blocking supply current i rbl v out - v in > 130mv, current into out 430 700 a logic inputs hven threshold voltage v hventh 1 2 3.5 v hven threshold hysteresis 2 % hven input current i hven_ v hven = 36v 26 41 a hven input reverse current i hven_r v in = v hven = -36v -43 -28 a en, rien, clts1, clts2, clts_mode input logic-high v ih 1.4 v en, rien, clts1, clts2, clts_mode input logic- low v il 0.4 v en, rien, clts1, clts2, clts_mode input leakage current i leak v logic = 5v -1 +1 a dynamic (note 5) switch turn-on time t on from off to on (see table 2), r load = 240, c out = 470f 500 s switch turn-off time t off from on to off (see table 2), r load = 47, c out = 1f 3 s overvoltage switch turn-off time t off_ovp from (v in > v ovlo ) to (v out = 80% of v in_ovlo ), r load = 47 3 s overcurrent switch turn-off time t off_ocp after t blank 3 s max14588 1a adjustable overcurrent and overvoltage protector with high accuracy www.maximintegrated.com
maxim integrated 4 electrical characteristics (continued) (v in = 4.5v to 36v, t a = -40oc to +125oc, unless otherwise noted. typical values are at v in = 24v, r seti = 12k, t a = +25oc.) (note 3) note 3: all devices are 100% production tested at t a = + 25oc. specifications over the operating temperature range are guaranteed by design. note 4: all timing is measured using 20% and 80% levels. timing diagrams figure 1. autoretry fault diagram parameter symbol conditions min typ max units in debounce time t deb from (v in_uvlo < v in < v in_ovlo ) and (en = high or hven = low) to v out = 10% of v in 14 16.5 19 ms blanking time t blank 17.8 21 24.1 ms autoretry time t retry after blanking time from i out > i lim to flag deasserted 527 620 713 ms thermal protection thermal shutdown 150 oc thermal shutdown hysteresis 30 oc t blank t blank t blank t blank t retr y t retr y t retr y note: time not in scal e aut oretry version s out current limit load current flag the device goes to therma l shutdown mode the device come s out of therma l shutdown mode max14588 1a adjustable overcurrent and overvoltage protector with high accuracy www.maximintegrated.com
maxim integrated 5 timing diagrams (continued) figure 2. latchoff fault diagram figure 3. continuous fault diagram la tch version out current limit load current the device goes to therma l shutdown mode the device come s out of therma l shutdown mode note: time not in scal e inpu t or en cycl e t blank t blank flag out current limit load current flag t blank note: time not in scal e the device goes to thermal shutdown mode the device comes ou t of thermal shutdown mode continuous version s max14588 1a adjustable overcurrent and overvoltage protector with high accuracy www.maximintegrated.com
maxim integrated 6 timing diagrams (continued) figure 4. debounce timing v in switch st at us uvlo threshold on off < t deb < t deb t deb note: time not in scale typical operating characteristics (c in = 1f, c out = 1f, t a = +25c, unless otherwise noted.) in quiescent supply current vs. in voltage max14588 toc01 in voltage (v) in supply current (a) 30 20 10 100 200 300 400 500 600 700 800 900 1000 0 04 0 v en = 3v in quiescent supply current vs. temperatur e max14588 toc02 temperature (oc) in supply current (a) 110 95 80 65 50 35 20 5 -10 -25 100 200 300 400 500 600 0 -40 125 v in = 12v v in = 32v v in = 24v normalized on-resistanc e vs. supply voltage max14588 toc0 3 in voltage (v) normalized on-resistance 32 28 24 20 16 0.996 0.997 0.998 0.999 1.000 1.001 1.002 1.003 1.004 1.005 0.995 12 36 v en = 5v i out = 100ma max14588 1a adjustable overcurrent and overvoltage protector with high accuracy www.maximintegrated.com
maxim integrated 7 typical operating characteristics (continued) (c in = 1f, c out = 1f, t a = +25c, unless otherwise noted.) normalized on-resistance vs. temperature max14588 toc04 temperature (oc ) normalized on-resistance 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 0.5 110 95 80 65 50 35 20 5 -10 -25 -40 125 v in = 12v v in = 32v v in = 24v shutdown supply curren t vs. temperatur e max14588 toc07 temperature (oc) shutdown supply current (a) 110 95 80 65 50 35 20 5 -10 -25 2 4 6 8 10 12 0 -40 125 v in = 12v v in = 32v v in = 24v switch turn-off tim e vs. temperature max14588 toc10 temperature (oc ) turn-off time (s) 5 10 15 20 25 30 35 40 45 50 0 110 95 80 65 50 35 20 5 -10 -25 -40 125 v in = 24v r l = 24? normalized current limit vs. supply voltage max14588 toc05 in voltage (v) normalized current limit 30 20 10 0.96 0.97 0.98 0.99 1.00 1.01 1.02 1.03 1.04 1.05 0.95 04 0 r seti = 12k shutdown forward current vs. temperatur e max14588 toc08 temperature (oc) shutdown forward current (a) 110 95 80 65 50 35 20 5 -10 -25 0.1 0.2 0.3 0.4 0.5 0 -40 125 v in = 12v v in = 24v v in = 32v current limit vs. r seti max14588 toc11 r seti (k ) current limit (a ) 60 40 20 0.2 0.4 0.6 0.8 1.0 1.2 0 08 0 v in = 24v power-up response max14588 toc12 v in 10v/div v out 10v/div 20ms/div normalized current limit vs. temperature max14588 toc06 temperature (oc) normalized current limi t 0.96 0.97 0.98 0.99 1.00 1.01 1.02 1.03 1.04 1.05 0.95 110 95 80 65 50 35 20 5 -10 -25 -40 125 v in = 24v switch debounce time vs. temperature max14588 toc09 temperature (oc ) debounce time (ms) 15.5 16.0 16.5 17.0 17.5 18.0 18.5 19.0 19.5 20.0 15.0 110 95 80 65 50 35 20 5 -10 -25 -40 125 v in = 24v r l = 24- max14588 1a adjustable overcurrent and overvoltage protector with high accuracy www.maximintegrated.com
maxim integrated 8 typical operating characteristics (continued) (c in = 1f, c out = 1f, t a = +25c, unless otherwise noted.) reverse blocking response max14588 toc13 v rien = 3v v out 20v/div i out 10a/div v in 20v/div 0v 0v 200s/div v flag 5v/div current-limit respons e max14588 toc15 100ma to sudden short on out v out 20v/div i out 500ma /div v in 20v/div 0v 0a 0v 10ms /div bl anking time max14588 toc17 autoretry v out 500mv/div 4ms /div flag response max14588 toc14 r l = 240 sudden short applied at out v out 20v/div v in 20v/div 0v 0v 1ms /div v flag 5v/div current limit-respons e max14588 toc16 100ma to short on out with 1a /s v out 20v/div i out 500ma /div v in 20v/div 0v 0a 0v 100ms /div re try time max14588 toc18 autoretry v out 500mv/div 100ms /div max14588 1a adjustable overcurrent and overvoltage protector with high accuracy www.maximintegrated.com
maxim integrated 9 pin description pin confguration pin name function 1 clts_mode current-limit-type select mode. clts_mode = 0: clts1 and clts2 are sampled only when (v in C v out ) < 0.6v. clts_mode = 1: clts1 and clts2 are continuously sampled. 2 clhs current-limit-type-select logic-high voltage. connect clts_mode/clts1/clts2 to clhs for logic-high. 3 clts1 current-limit-type select 1. see table 1. 4 clts2 current-limit-type select 2. see table 1. 5 hven 36v capable active-low enable input. see table 2. 6, 7 in overvoltage protection input. bypass in to ground with a 0.47f ceramic capacitor . 8 ovlo externally programmable overvoltage lockout threshold. connect ovlo to gnd to use the default internal ovlo threshold. connect ovlo to an external resistor-divider to defne a threshold externally and override the preset internal ovlo threshold. 9 uvlo externally programmable undervoltage lockout threshold. connect uvlo to gnd to use the default internal uvlo threshold. connect uvlo to an external resistor-divider to defne a threshold externally and override the preset internal uvlo threshold. 10 seti overload-current-limit adjust. connect a resistor from seti to gnd to program the overcurrent limit. seti must be connected to a resistor. if seti is connected to gnd, the fets turn off and flag is asserted. do not connect more than 10pf to seti. 11 gnd ground 15 16 14 13 6 5 7 clhs clts2 8 clts_mode gnd uvlo flag 12 out 4 12 11 9 out *ep rien ovlo in in hven *connect ep to gn d + clts1 seti 3 10 en tqfn max14588 top view max14588 1a adjustable overcurrent and overvoltage protector with high accuracy www.maximintegrated.com
maxim integrated 10 pin description (continued) functional diagram pin name function 12 flag open-drain fault indicator output. flag goes low when the fault duration exceeds the blanking time, reverse current is detected, thermal shutdown mode is active, ovlo threshold is reached, or seti is connected to gnd. 13 en active-high enable input. see table 2. 14,15 out output voltage. output of internal fets. bypass out to gnd with a 1f ceramic capacitor placed as close to the device as possible. 16 rien reverse-current enable input. connect rien to gnd to disable the reverse-current fow protection. connect rien to logic-high to activate the reverse-current fow protection. ep exposed pad. connect ep to ground. do not use ep as the only ground connection. n reverse-input reverse-current protection control logi c thermal shutdown v bg ovlo seti gnd uvlo in in out out rien flag en clhs cl ts_mode cl ts1 cl ts2 v sel max14588 hven v sel max14588 1a adjustable overcurrent and overvoltage protector with high accuracy www.maximintegrated.com
maxim integrated 11 table 1. current-limit type select detailed description the max14588 is an adjustable overvoltage and over - current protection device designed to protect systems against positive and negative input voltage faults up to 40v, and features a low 190m (typ) on-resistance fet. if the input voltage exceeds the ovlo threshold or falls below the uvlo, the internal fets are turned off to prevent damage to the protected components. if the ovlo or the uvlo pin is set below the external ovlo or uvlo select threshold (v sel_ovlo , v sel_uvlo ), the device automatically selects the internal 5% accurate trip thresholds. the internal ovlo threshold is preset to 33v (typ), and the internal uvlo threshold is preset to 19v (typ). current-limit type select the max14588 power-up current-limit default is continu - ous mode when clts_mode is low. after power up, the current-limit type can be programmed externally through clts1 and clts2 (table 1). when clts_mode is high, clts1 and clts2 are sampled continuously. when clts_mode is low, clts1 and clts2 are sampled only when v in -v out < 0.6v. connect clts1, clts2, and clts_mode to clhs for logic-high or to gnd for logic-low. autoretry when the current threshold is reached, the t blank timer begins counting. the flag asserts if the overcurrent con - dition is present for t blank . the timer resets if the over - current condition disappears before t blank has elapsed. a retry time delay, t retry , is started immediately after t blank has elapsed and during t retry time, the fets are off. at the end of t retry , the fets are turned on again. if the fault still exists, the cycle is repeated and the flag stays low. when the fault is removed, the fets stay on. (figure 1) the autoretry feature reduces the system power in case of overcurrent or short-circuit conditions. during t blank time, when the switch is on, the supply current is held at the current limit. during t retry time, when the switch is off, there is no current through the switch. thus, the output current is much less than the programmed current limit. calculate the average output current using the fol - lowing equation. blank load lim blank retry t ii tt ?? = ?? + ?? with a 21ms (typ) t blank and 620ms (typ) t retry , the duty cycle is 3.3%, resulting in a 96.7% power saving. latch-off when the current threshold is reached, the t blank timer begins counting. the flag asserts if the overcurrent condition is present for t blank . the timer resets when the overcurrent condition disappears before t blank has elapsed. the switch turns off and stays off if the over - current condition continues beyond the blanking time. to reset the switch, either toggle the control logic en or hven or cycle the input voltage. (figure 2) continuous when the current threshold is reached, the max14588 limits the output current to the programmed current limit. the flag asserts if the overcurrent condition is present for t blank and deasserts when the overload condition is removed. (figure 3) reverse-current block enable (rien) this feature disables the reverse-current protection and enables reverse-current flow from out to in. the reverse- current block enable feature is useful in applications with inductive loads. fault flag output flag is an open-drain fault indicator output and requires an external pull-up resistor to a dc supply. flag goes low when any of the following conditions occur: the blanking time has elapsed the reverse-current protection has tripped the die temperature exceeds +150oc seti is connected to ground ovlo threshold is reached clts2 clts1 current-limit type 0 0 latch off 0 1 autoretry 1 0 continuous 1 1 continuous max14588 1a adjustable overcurrent and overvoltage protector with high accuracy www.maximintegrated.com
maxim integrated 12 thermal shutdown protection the max14588 has a thermal-shutdown feature to pro - tect the device from overheating. the device turns off and the flag asserts when the junction temperature exceeds +150oc (typ). the devices exit thermal shutdown and resume normal operation after the junction temperature cools by 30oc (typ), except when in latch off mode, the device remains latched off. the thermal limit behaves similar to the current limit. for autoretry mode, the thermal limit works with auto retry timer. when the device comes out of the thermal limit, it starts after the retry time. for latch off mode, the device latches off until power or en cycle. for continuous mode, the device only disables while the temperature is over the limit. there is no blanking time for thermal protection. overvoltage lockout (ovlo) the max14588 has a 33v (typ) preset ovlo threshold when the voltage at ovlo is set below the external ovlo select voltage (v sel ). connect ovlo to gnd to activate the preset ovlo threshold. connect the external resistors to ovlo pin as shown in the typical operating circuit to externally adjust the ovlo threshold. use the following equation to adjust the ovlo threshold. the rec - ommended value for r3 is 2.2m. ovlo bg r3 v v1 r4 ?? = + ?? ?? undervoltage lockout (uvlo) the max14588 has a 19v (typ) preset uvlo threshold when the voltage at uvlo is set below the external ovlo select voltage (v sel ). connect uvlo to gnd to activate the preset uvlo threshold. connect the external resistors to uvlo pin as shown in the typical operating circuit to externally adjust the uvlo threshold. use the following equation to adjust the uvlo threshold. the recommend - ed value for r1 is 2.2m. uvlo bg r1 v v1 r2 ?? = + ?? ?? switch control there are two independent enable inputs ( hven and en) for max14588. hven is a high-voltage capable input. toggle hven or en to reset the fault condition once short-circuit is detected and the device shuts down (table 2). input debounce protection the max14588 features input debounce protection. when the input voltage is higher than the uvlo thresh - old voltage for a period greater than the debounce time (t deb ), the internal fets are turned on. this feature is intended for applications where the en or hven signal is present when the power supply ramps up (figure 3). applications information setting the current limit / threshold a resistor from seti to ground programs the current-limit/ threshold value for the max14588. leaving seti uncon - nected selects a 0a current limit/threshold. connecting seti to ground asserts flag . use the following formula to calculate the current limit: 6100 r (k ) seti i (ma) lim ?= in bypass capacitor connect a minimum of 0.47f capacitor from in to gnd to limit the input voltage drop during momentary output short-circuit conditions. larger capacitor values further reduce the voltage undershoot at the input. hot plug in in many system powering applications, an input filter - ing capacitor is required to lower the radiated emission, enhance the esd capability, etc. in hot plug applications, parasitic cable inductance along with the input capacitor causes overshoot and ringing when the powered cable is connected to the input terminal. this effect causes the protection device to see almost twice the applied voltage. an input voltage of 24v can easily exceed the absolute maximum rating of 40v, which may permanently damage the device. a transient voltage suppressor (tvs) is often used for industrial applications to protect the system from these conditions. we recom - mend using a tvs that is capable of limiting the input surge to 40v placed close to the input terminal. table 2. enable inputs hven en switch status 0 0 on 0 1 on 1 0 off 1 1 on max14588 1a adjustable overcurrent and overvoltage protector with high accuracy www.maximintegrated.com
maxim integrated 13 out bypass capacitor for stable operation over the full temperature range and over the entire programmable current-limit range, con - nect a 4.7f ceramic capacitor from out to ground. excessive output capacitance can cause a false overcur - rent condition due to decreased dv/dt across the capaci - tor. calculate the maximum capacitive load (c max ) value that can be connected to out by using the following formula: lim blank (typ) max i (ma) x t (ms) c (f) v (v) in = for example, for v in = 24v, t blank(typ) = 20ms, and i lim = 1a, c max equals 833f. output freewheeling diode for inductive hard short to ground in applications that require protection form a sudden short to ground with an inductive load or a long cable, a schottky diode between the out terminal and ground is recom - mended. this is to prevent a negative spike on the out due to the inductive kickback during a short-circuit event. layout and thermal dissipation to optimize the switch response time to output short- circuit conditions, it is very important to keep all traces as short as possible to reduce the effect of undesirable parasitic inductance. place input and output capacitors as close as possible to the device (no more than 5mm). in and out must be connected with wide short traces to the power bus. during normal operation, the power dissipa - tion is small and the package temperature change is mini - mal. if the output is continuously shorted to ground at the maximum supply voltage, the switches with the autoretry option do not cause thermal shutdown detection to trip: in(max) out(max) blank retry blank vi t p (max) t t = + attention must be given to continuous current-limit mode when the power dissipation during a fault condition can cause the device to reach the thermal shutdown threshold. thermal vias from the exposed pad to ground plane are highly recommended to increase the system thermal capac - itance while reducing the thermal resistance to the ambient. max14588 1a adjustable overcurrent and overvoltage protector with high accuracy www.maximintegrated.com
maxim integrated 14 package information for the latest package outline information and land patterns (footprints), go to www.maxi minte grated.com/packages . note that a +, #, or - in the package code indicates rohs status only. package drawings may show a different suffix character, but the drawing pertains to the package regardless of rohs status. chip information process: bicmos + denotes a lead(pb)-free package/rohs-compliant package. t = tape and reel * ep = exposed pad ordering information part temp range top mark pin- package max14588ete+t -40oc to +125oc ajz 16 tqfn- ep* package type package code outline no. land pattern no. 16 tqfn-ep t1633+5 21-0136 90-0032 max14588 1a adjustable overcurrent and overvoltage protector with high accuracy www.maximintegrated.com
? 2012 maxim integrated products, inc. 15 revision history revision number revision date description pages changed 0 12/12 initial release maxim integrated cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim integrated product. no circuit patent licenses are implied. maxim integrated reserves the right to change the circuitry and specifcations without notice at any time. the parametric values (min and max limits) shown in the electrical characteristics table are guaranteed. other parametric values quoted in this data sheet are provided for guidance. maxim integrated and the maxim integrated logo are trademarks of maxim integrated products, inc. max14588 1a adjustable overcurrent and overvoltage protector with high accuracy for pricing, delivery, and ordering information, please contact maxim direct at 1-888-629-4642, or visit maxim integrateds website at www.maximintegrated.com.


▲Up To Search▲   

 
Price & Availability of MAX14588ETET

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X